전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX7828CQ 데이터시트(PDF) 10 Page - Maxim Integrated Products

부품명 MX7828CQ
상세설명  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828CQ 데이터시트(HTML) 10 Page - Maxim Integrated Products

Back Button MX7828CQ Datasheet HTML 4Page - Maxim Integrated Products MX7828CQ Datasheet HTML 5Page - Maxim Integrated Products MX7828CQ Datasheet HTML 6Page - Maxim Integrated Products MX7828CQ Datasheet HTML 7Page - Maxim Integrated Products MX7828CQ Datasheet HTML 8Page - Maxim Integrated Products MX7828CQ Datasheet HTML 9Page - Maxim Integrated Products MX7828CQ Datasheet HTML 10Page - Maxim Integrated Products MX7828CQ Datasheet HTML 11Page - Maxim Integrated Products MX7828CQ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
fMAX permits a maximum sampling rate of 50kHz per
channel when using the MAX158/MX7828 and 100kHz
per channel when using the MAX154/MX7824. These
rates are well above the Nyquist requirement of 20kHz
sampling rate for a 10kHz input bandwidth.
Bipolar Input Operation
The circuit in Figure 10a can be used for bipolar input
operation. The input voltage is scaled by an amplifier so
that only positive voltages appear at the ADC’s inputs.
An external reference should be used for the MX7824/
MX7828, but is not needed with the MAX154/MAX158.
The analog input range is ±4V and the output code is
complementary offset binary. The ideal input/output
characteristic is shown in Figure 10b.
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
10
______________________________________________________________________________________
1pF
CS
12pF
CS
2pF
1pF
•
•
•
15 LSB COMPARATORS
TO LS
LADDER
RON
1pF
1pF
•
•
•
16 MSB COMPARATORS
TO MS
LADDER
RON
RMUX
RS
VIN
AIN1
11111111
11111110
10000010
10000001
01111111
01111110
10000000
00000001
00000000
00000010
0V
AIN INPUT VOLTAGE (LSBs)
FS = 8V
1LSB = FS / 256
11111101
+FS
2
-FS + 1LSB
2
RS
VIN
AIN1
CS1
2pF
CS2
2pF
32pF
B MUX
600
Ω
RON
350
Ω
MAX154
MAX158
AIN1
ONLY CHANNEL 1 SHOWN
VREF+
REF OUT
VDD
VREF-
GND
11.5
Ω
3.57k
10.0k
0.01
µF
0.01
µF
0.1
µF
47
µF
16.2k
VIN
+5V
CS
RDY
INT
DB0–DB7
RD
Figure 9a. Equivalent Input Circuit
Figure 10b. Transfer Function for ±4V Input Operation
Figure 9b. RC Network Model
Figure 10a. Bipolar ±4V Input Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com