전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39J84IAAVR 데이터시트(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC39J84IAAVR
상세설명  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR 데이터시트(HTML) 32 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 28Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 29Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 30Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 31Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 32Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 33Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 34Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 35Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Table 7. Receiver Equalizer Hold
EQHOLD
EFFECT
0
Equalizer adaption enabled. The equalizer adaption and analysis algorithm is enabled. This should be the default state.
1
Equalizer adaption held. The equalizer is held in it’s current state. Additionally, the adaption and analysis algorithm is reset. See
section 7.2.5.1 for further details..
Table 8. Receiver Equalizer Gain Boost
EQBoost
GAIN BOOST
BANDWIDTH CHANGE
POWER INCREASE
VALUE
(dB)
(%)
(mW)
0
0
0
0
1
2
–30
0
10
4
10
5
11
6
–20
5
When EQ is set to 010 or 011, the equalizer is reconfigured to provide analytical data about the amount of pre
and post cursor equalization respectively present in the received signal. This can in turn be used to adjust the
equalization settings of the transmitting link partner, where a suitable mechanism for communicating this data
back to the transmitter exists. Status information is provided viadtest[11:8] (EQOVER, EQUNDER), by using the
following method:
1. Enable the equalizer by setting EQHLD low and EQ to 001. Allow sufficient time for the equalizer to adapt;
2. Set EQHLD to 1 to lock the equalizer and reset the adaption algorithm. This also causes both EQOVER and
EQUNDER to become low;
3. Wait at least 48UI, and proportionately longer if the CDR activity is less than 100%, to ensure the 1 on
EQHLD is sampled and acted upon;
4. Set EQ to 010 or 011, and EQHLD to 0. The equalization characteristics of the received signal are analysed
(the equalizer response will continue to be locked);
5. Wait at least 150×103UI to allow time for the analysis to occur, proportionately longer if the CDR activity is
less than 100%;
6. Examine EQOVER and EQUNDER for results of analysis.
–
If EQOVER is high, it indicates the signal is over equalized;
–
If EQUNDER is high, it indicates the signal is under equalized;
7. Set EQHLD to 1;
8. Repeat items 3–7 if required;
9. Set EQ to 001, and EQHLD to 0 to exit analysis mode and return to normal adaptive equalization.
Note that when changing EQ from one non-zero value to another, EQHLD must already be 1. If this is not the
case, there is a chance the equalizer could be reset by a transitory input state (i.e., if EQ is momentarily 000).
EQHLD can be set to 0 at the same time as EQ is changed.
As the equalizer adaption algorithm is designed to equalize the post cursor, EQOVER or EQUNDER will only be
set during post cursor analysis if the amount of post cursor equalization required is more or less than the
adaptive equalizer can provide.
7.3.5 JESD204B Descrambler
The descrambler is a 16-bit parallel self-synchronous descrambler based on the polynomial 1 + x14 + x15. From
the JESD204B specification, the scrambling/descrambling process only occurs on the user data, not on the code
group synchronization or the ILA sequence. The descrambler output can be selected to sent out during JESD
test, see jesd_testbus_sel for the specific configuration needed.
32
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com