전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC39J84IAAVR 데이터시트(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC39J84IAAVR
상세설명  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR 데이터시트(HTML) 79 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 75Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 76Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 77Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 78Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 79Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 80Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 81Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 82Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
7.5.1.27 config26 Register – Address: 0x1A, Default: 0x0020
Figure 108. config26 Register Format
15
14
13
12
11
10
9
8
reserved
reserved
vbgr_ sleep
7
6
5
4
3
2
1
0
biasopamp_
tsense_ sleep
pll_sleep
clkrecv_sleep
daca_sleep
dacb_sleep
dacc_sleep
dacd_sleep
sleep
Table 57. config26 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config26
0x1A
15:10
reserved
Reserved
000000
9
reserved
Reserved
0
8
vbgr_ sleep
Turns off the Bandgap over internal R bias current generator bias
0
7
biasopamp_
Turns off the bias OP amp when high.
0
sleep
6
tsense_ sleep
Turns off the temperature sensor when asserted.
0
5
pll_sleep
Puts the DAC PLL into sleep mode when asserted.
1
4
clkrecv_sleep
When asserted the clock input receiver gets put into sleep mode. This
0
also affects the SYSREF receiver as well.
3
daca_sleep
When asserted DACA is put into sleep mode
0
2
dacb_sleep
When asserted DACB is put into sleep mode
0
1
dacc_sleep
When asserted DACC is put into sleep mode
0
0
dacd_sleep
When asserted DACD is put into sleep mode
0
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com