전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM385 데이터시트(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
부품명 DM385
상세설명  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DM385 데이터시트(HTML) 45 Page - Texas Instruments

Back Button DM385 Datasheet HTML 41Page - Texas Instruments DM385 Datasheet HTML 42Page - Texas Instruments DM385 Datasheet HTML 43Page - Texas Instruments DM385 Datasheet HTML 44Page - Texas Instruments DM385 Datasheet HTML 45Page - Texas Instruments DM385 Datasheet HTML 46Page - Texas Instruments DM385 Datasheet HTML 47Page - Texas Instruments DM385 Datasheet HTML 48Page - Texas Instruments DM385 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
A14
HDMI_DN0
HDMI_DN0
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
B13
HDMI_DN1
HDMI_DN1
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
A12
HDMI_DN2
HDMI_DN2
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
B14
HDMI_DP0
HDMI_DP0
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
B12
HDMI_DP1
HDMI_DP1
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
A11
HDMI_DP2
HDMI_DP2
NA /
NA
0x01
O
NA
NA
NA
VDDA_HDMI_1P8
NA
T27
I2C[0]_SCL
I2C[0]_SCL
PINCNTL263 /
0x000C 0000
0x01
I/O
PIN
H
H
DVDD
0x4814 0C18
T24
I2C[0]_SDA
I2C[0]_SDA
PINCNTL264 /
0x000C 0000
0x01
I/O
PIN
H
H
DVDD
0x4814 0C1C
D2
I2C[1]_SCL
I2C[1]_SCL
PINCNTL78 /
0x000E 0000
0x01
I/O
1
H
H
DVDD
0x4814 0934
HDMI_SCL
0x02
I/O
1
D1
I2C[1]_SDA
I2C[1]_SDA
PINCNTL79 /
0x000E 0000
0x01
I/O
1
H
H
DVDD
0x4814 0938
HDMI_SDA
0x02
I/O
1
J19
LDOCAP_ARM
LDOCAP_ARM
NA /
NA
NA
A
NA
NA
NA
NA
NA
K20
LDOCAP_ARMRAM
LDOCAP_ARMRAM
NA /
NA
NA
A
NA
NA
NA
NA
NA
W23
LDOCAP_HDVICP
LDOCAP_HDVICP
NA /
NA
NA
A
NA
NA
NA
NA
NA
Y24
LDOCAP_HDVICPRAM
LDOCAP_HDVICPRAM
NA /
NA
NA
A
NA
NA
NA
NA
NA
U9
LDOCAP_RAM0
LDOCAP_RAM0
NA /
NA
NA
A
NA
NA
NA
NA
NA
T22
LDOCAP_RAM1
LDOCAP_RAM1
NA /
NA
NA
A
NA
NA
NA
NA
NA
AB10
LDOCAP_RAM2
LDOCAP_RAM2
NA /
NA
NA
A
NA
NA
NA
NA
NA
M24
LDOCAP_SERDESCLK
LDOCAP_SERDESCLK
NA /
NA
NA
A
NA
NA
NA
NA
NA
AD30
MCA[0]_ACLKR
MCA[0]_ACLKR
PINCNTL19 /
0x0004 0000
0x01
I/O
0
L
L
DVDD
0x4814 0848
AD28
MCA[0]_ACLKX
MCA[0]_ACLKX
PINCNTL17 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD
0x4814 0840
AF30
MCA[0]_AFSR
MCA[0]_AFSR
PINCNTL20 /
0x000C 0000
0x01
I/O
0
L
L
DVDD
0x4814 084C
AE29
MCA[0]_AFSX
MCA[0]_AFSX
PINCNTL18 /
0x000C 0000
0x01
I/O
PIN
L
L
DVDD
0x4814 0844
AF29
MCA[0]_AXR[0]
MCA[0]_AXR[0]
PINCNTL21 /
0x000C 0000
0x01
I/O
PIN
L
L
DVDD
0x4814 0850
Copyright © 2013, Texas Instruments Incorporated
Device Pins
45
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More