전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ-T 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL9301IRZ-T
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301IRZ-T 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL9301IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6435.3
September 21, 2011
IREF - Charge-current program and monitoring pin. Connect
a resistor between this pin and the GND pin to set the
charge current limit determined by Equation 4:
Where RIREF is in kΩ. The IREF pin voltage also monitors
the actual charge current during the entire charge cycle,
including the trickle, constant-current, and constant-voltage
phases. When disabled, VIREF = 0V.
BATON - Battery disconnect pin. The BATON pin is a logic
input pin to allow the disconnection of the battery from the
system to eliminate the unwanted drainage current from the
battery. There is an internal 1M
Ω pull-down resistor at this
pin. Drive to HIGH to connect the battery to the system.
When this pin is driven to LOW or left floating, the battery is
disconnected from the system.
VOUT - Output connection to the system. This pin provides
a 4.5V regulated voltage for the system when a valid input
power is present. If no valid input is present, and BATON is
driven HI, the VOUT pin is connected to VBAT through an
internal MOSFET. If no valid input is present and BATON is
LOW, the voltage at VOUT pin is zero. A 4.7µF or larger X5R
ceramic capacitor is recommended for decoupling and
stability purposes.
EPAD - Exposed pad. Connect as much copper as possible
to this pad either on the component layer or other layers
through thermal vias to enhance the thermal performance.
IREF
3886
RIREF
-----------------
mA
()
=
(EQ. 4)
FIGURE 1. TYPICAL CHARGING CYCLE
IREF
CC
CV
IMIN
4.2V
TIME
2.8V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
CHG
INDICATION
VREC
16%IREF
TIMEOUT
TRICKLE
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com