전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301IRZ-T 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL9301IRZ-T
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301IRZ-T 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL9301IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 11Page - Intersil Corporation ISL9301IRZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6435.3
September 21, 2011
Applications Information
Input Bypass Capacitor
The input capacitor is required to suppress the power supply
transient response during transitions. Typically, a 10µF or
larger capacitor should be sufficient to suppress the power
supply noise.
Due to the inductance of the power leads of the wall adapter
or USB source, the input capacitor type must be properly
selected to prevent high voltage transient during a hot-plug
event. A tantalum capacitor is a good choice for its high
ESR, providing damping to the voltage transient. Multi-layer
ceramic capacitors, however, have a very low ESR and
hence when chosen as input capacitor, a 1
Ω series resistor
must be used (as shown in the “Typical Application Circuit”
on page 6) to provide adequate damping.
VOUT and VBAT Capacitor Selection
The criteria for selecting the capacitor at the VOUT and
VBAT pins is to maintain the stability as well as to bypass
any transient load current. The recommended capacitance is
a 4.7µF X5R ceramic capacitor for VOUT and 1µF for VBAT.
The actual capacitance connected to the output is
dependent on the actual application requirement.
Layout Guidance
The ISL9301 uses a thermally-enhanced DFN package that
has an exposed thermal pad at the bottom side of the
package. The layout should connect as much as possible to
copper on the exposed pad. Typically, the component layer
is more effective in dissipating heat. The thermal impedance
can be further reduced by using other layers of copper
connecting to the exposed pad through a thermal via array.
Each thermal via is recommended to have 0.3mm diameter
and 1mm distance from other thermal vias.
Input Power Sources
The input power source is typically a well-regulated wall
cube with 1m length wire or a USB port. The input voltage
ranges from 4.3V to 10V. The ISL9301 can withstand up to
28V on the input without damaging the IC. If the input
voltage is higher than the OVP threshold, the IC is disabled.
State Diagram
The state diagram is shown in Figure 6. There are 8 states to
cover all the operation modes, including the Trickle Charge,
Batt Discharge, PPM, CV Charge, Charge Fault, Charge
Complete, Disabled and OTP states.
The IC starts with a trickle charge or constant current charge
state depending on VBAT when input power is applied. In the
Trickle Charge state, the PPR is LO and the CHG is LO,
VOUT
X3
X3
VIN
IR
TEMPERATURE
MONITORING
IT
X3
VBAT
+
-
VREF
VA
+
-
CA
ISEN
IREF
CONTROL
IREF
REF
Q1
Q2
FIGURE 4. CHARGE CURRENT THERMAL FOLDBACK CIRCUIT
TEMPERATURE
+115°C
IT
IR
I SEN
-40mA/°C
FIGURE 5. CHARGE CURRENT FOLDBACK
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com