| 전자부품 데이터시트 검색엔진 |
|
PIC16C925/CL 데이터시트(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925/CL 데이터시트(HTML) 28 Page - Microchip Technology |
|
28 / 182 page ![]() PIC16C925/926 DS39544A-page 26 Preliminary 2001 Microchip Technology Inc. 2.6 Indirect Addressing, INDF and FSR Registers The INDF register is not a physical register. Addressing the INDF register will cause indirect addressing. Indirect addressing is possible by using the INDF reg- ister. Any instruction using the INDF register actually accesses the register pointed to by the File Select Reg- ister (FSR). Reading the INDF register itself, indirectly (FSR = ’0’), will produce 00h. Writing to the INDF regis- ter indirectly results in a no operation (although status bits may be affected). An effective 9-bit address is obtained by concatenating the 8-bit FSR register and the IRP bit (STATUS<7>), as shown in Figure 2-6. A simple program to clear RAM locations 20h-2Fh using indirect addressing is shown in Example 2-2. EXAMPLE 2-2: INDIRECT ADDRESSING FIGURE 2-6: DIRECT/INDIRECT ADDRESSING MOVLW 0x20 ;initialize pointer MOVWF FSR ;to RAM NEXT CLRF INDF ;clear INDF register INCF FSR,F ;inc pointer BTFSS FSR,4 ;all done? GOTO NEXT ;no clear next CONTINUE : ;yes continue Note: For memory map detail, see Figure 2-3. Data Memory Indirect Addressing Direct Addressing Bank Select Location Select RP1:RP0 6 0 From Opcode IRP FSR Register 7 0 Bank Select Location Select 00 01 10 11 00h 7Fh 00h 7Fh Bank 0 Bank 1 Bank 2 Bank 3 |