| 전자부품 데이터시트 검색엔진 |
|
PIC16C925/CL 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C925/CL 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 182 page ![]() PIC16C925/926 DS39544A-page 36 Preliminary 2001 Microchip Technology Inc. 4.5 PORTE and TRISE Register PORTE is a digital input only port. Each pin is multi- plexed with an LCD segment driver. These pins have Schmitt Trigger input buffers. EXAMPLE 4-5: INITIALIZING PORTE FIGURE 17-1: PORTE BLOCK DIAGRAM TABLE 4-9: PORTE FUNCTIONS TABLE 4-10: SUMMARY OF REGISTERS ASSOCIATED WITH PORTE Note 1: On a Power-on Reset, these pins are configured as LCD segment drivers. 2: To configure the pins as a digital port, the corresponding bits in the LCDSE register must be cleared. Any bit set in the LCDSE register overrides any bit settings in the corresponding TRIS register. BCF STATUS, RP0 ;Select Bank2 BSF STATUS, RP1 ; BCF LCDSE, SE27 ;Make all PORTE BCF LCDSE, SE5 ;and PORTG<7> BCF LCDSE, SE9 ;digital inputs RD Port Schmitt Trigger Input Buffer EN QD EN Digital Input/ LCDSE<n> LCD LCD Segment LCD Output pin LCD LCD Common Data Bus RD TRIS VDD Segment Data Output Enable Common Data Output Enable Name Bit# Buffer Type Function RE0/SEG05 bit0 ST Digital input or Segment Driver05. RE1/SEG06 bit1 ST Digital input or Segment Driver06. RE2/SEG07 bit2 ST Digital input or Segment Driver07. RE3/SEG08 bit3 ST Digital input or Segment Driver08. RE4/SEG09 bit4 ST Digital input or Segment Driver09. RE5/SEG10 bit5 ST Digital input or Segment Driver10. RE6/SEG11 bit6 ST Digital input or Segment Driver11. RE7/SEG27 bit7 ST Digital input or Segment Driver27 (not available on 64-pin devices). Legend: ST = Schmitt Trigger input Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power-on Reset Value on all other RESETS 09h PORTE RE7 RE6 RE5 RE4 RE3 RE2 RE1 RE0 0000 0000 0000 0000 89h TRISE PORTE Data Direction Control Register 1111 1111 1111 1111 10Dh LCDSE SE29 SE27 SE20 SE16 SE12 SE9 SE5 SE0 1111 1111 1111 1111 Legend: Shaded cells are not used by PORTE. |