전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3961 데이터시트(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
부품명 LP3961
상세설명  LP396x 800-mA Fast Ultra-Low-Dropout Linear Regulators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LP3961 데이터시트(HTML) 25 Page - Texas Instruments

Back Button LP3961 Datasheet HTML 21Page - Texas Instruments LP3961 Datasheet HTML 22Page - Texas Instruments LP3961 Datasheet HTML 23Page - Texas Instruments LP3961 Datasheet HTML 24Page - Texas Instruments LP3961 Datasheet HTML 25Page - Texas Instruments LP3961 Datasheet HTML 26Page - Texas Instruments LP3961 Datasheet HTML 27Page - Texas Instruments LP3961 Datasheet HTML 28Page - Texas Instruments LP3961 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3961EMP-1.8/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-2.5
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-2.5/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-3.3
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-3.3/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-5.0
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMP-5.0/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMPX-1.8/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMPX-2.5/NOPB SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961EMPX-3.3
SOT-223
NDC
5
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3961ESX-2.5/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3961ESX-3.3/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
LP3964EMP-1.8/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3964EMP-2.5
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3964EMP-2.5/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3964EMP-3.3/NOPB
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LP3964EMP-ADJ
SOT-223
NDC
5
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Sep-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31