| 전자부품 데이터시트 검색엔진 |
|
RF63 데이터시트(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
RF63 데이터시트(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 91 page ![]() ADVANCED COMMUNICATIONS & SENSING Page 36 of 91 RF63 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Table 15: Config vs. Data SPI Interface Selection NSS_DATA NSS_CONFIG SPI Interface 0 0 Config 0 1 Data 1 0 Config 1 1 None The following paragraphs describe how to use each of these interfaces. 5.2.1.2. SPI Config • Write Register To write a value into a configuration register the timing diagram below should be carefully followed by the uC. The register ‟s new value is effective from the rising edge of NSS_CONFIG. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 NSS_CONFIG (In) SCK (In) New value at address A1 MOSI (In) start rw A(4) A(3) A(2) A(1) Address = A1 A(0) stop D(7) D(6) D(5) D(4) D(3) D(2) D(1) D(0) Current value at address A1* MISO (Out) HZ x x (input) x x x x x x D(7) D(6) D(5) D(4) D(3) D(2) D(1) D(0) HZ (input) * when writing the new value at address A1, the current content of A1 can be read by the uC. (In)/(Out) refers to RF63 side Figure 27: Write Register Sequence Note that when writing more than one register successively, it is not compulsory to toggle NSS_CONFIG back high between two write sequences. The bytes are alternatively considered as address and value. In this instance, all new values will become effective on rising edge of NSS_CONFIG. • Read Register To read the value of a configuration register the timing diagram below should be carefully followed by the uC. |