| 전자부품 데이터시트 검색엔진 |
|
16F628 데이터시트(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F628 데이터시트(HTML) 41 Page - Microchip Technology |
|
41 / 168 page ![]() 2002 Microchip Technology Inc. Preliminary DS40044A-page 39 PIC16F627A/628A/648A FIGURE 5-12: BLOCK DIAGRAM OF RB4/PGM PIN Data Latch TRIS Latch RD TRISB Q D Q CK Q D Q CK RD PORTB WR PORTB WR TRISB Schmitt Trigger PGM input LVP Data Bus RB4/PGM V DD weak pull-up P From other QD EN QD EN Set RBIF RB<7:4> pins TTL input buffer V DD V SS Note: The low voltage programming disables the interrupt-on-change and the weak pull-ups on RB4. RBPU Q1 Q3 (Configuration Bit) |