전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9V024 데이터시트(PDF) 43 Page - ON Semiconductor

부품명 MT9V024
상세설명  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 데이터시트(HTML) 43 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 39Page - ON Semiconductor MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor MT9V024 Datasheet HTML 43Page - ON Semiconductor MT9V024 Datasheet HTML 44Page - ON Semiconductor MT9V024 Datasheet HTML 45Page - ON Semiconductor MT9V024 Datasheet HTML 46Page - ON Semiconductor MT9V024 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
42
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Figure 33:
Readout of 8 Pixels in Normal and Column Bin Output Mode
Interlaced Readout
The MT9V024 has two interlaced readout options. By setting R0x07[2:0] = 1, all the even-
numbered rows are read out first, followed by a number of programmable field blanking
rows (set by R0xBF[7:0]), then the odd-numbered rows, and finally the vertical blanking
rows. By setting R0x07[2:0] = 2 only one field row is read out.
Consequently, the number of rows read out is half what is set in the window height
register. The row start register determines which field gets read out; if the row start
register is even, then the even field is read out; if row start address is odd, then the odd
field is read out.
LINE_VALID
Normal readout
DOUT(9:0)
PIXCLK
DOUT(9:0)
PIXCLK
DOUT(9:0)
PIXCLK
D1
(9:0)
D2
(9:0)
D3
(9:0)
D4
(9:0)
D5
(9:0)
D6
(9:0)
D7
(9:0)
D8
(9:0)
LINE_VALID
Column Bin 2 readout
D1
(9:0)
D3
(9:0)
D5
(9:0)
D7
(9:0)
LINE_VALID
Column Bin 4 readout
DOUT(9:0)
D1
(9:0)
D5
(9:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62