전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7138DRST 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 UCD7138DRST
상세설명  4-A and 6-A Single-Channel Synchronous-Rectifier Driver With Body-Diode Conduction Sensing and Reporting
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UCD7138DRST 데이터시트(HTML) 13 Page - Texas Instruments

Back Button UCD7138DRST Datasheet HTML 9Page - Texas Instruments UCD7138DRST Datasheet HTML 10Page - Texas Instruments UCD7138DRST Datasheet HTML 11Page - Texas Instruments UCD7138DRST Datasheet HTML 12Page - Texas Instruments UCD7138DRST Datasheet HTML 13Page - Texas Instruments UCD7138DRST Datasheet HTML 14Page - Texas Instruments UCD7138DRST Datasheet HTML 15Page - Texas Instruments UCD7138DRST Datasheet HTML 16Page - Texas Instruments UCD7138DRST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VCC
IN
OUT
VD
DTC
VCC(ON)
VCC(OFF)
UCD7138
www.ti.com
SLVSCS1B – MARCH 2015 – REVISED MAY 2015
Feature Description (continued)
8.3.2 Gate Turnon and Turnoff
Gate turnon is controlled by both the gate driver input, IN, and body-diode conduction. System robustness is
enhanced through internal logic that guarantees that OUT is only allowed high if IN is also high. At the IN rising
edge, the UCD7138 gate-driver analyzes the DTC signal and determines the required course of action. The OUT
pin is sent high immediately if the DTC comparator output is low at the rising edge of the IN signal. If the DTC pin
is high at the rising edge of the IN signal, OUT is held low until DTC goes low. To allow the gate turnon edge to
optimize freely, setting the dead time between the primary side falling edge and the IN rising edge smaller than
expected in the UCD3138A digital controller is recommended.
The gate turnoff edge is determined by the IN signal only. The gate is turned off immediately at the IN falling
edge.
Table 1. Truth Table for CTRL Pin Function
CTRL PIN CONFIGURATION
FUNCTION
0 V or ground
Turn-on optimization disabled
3.3 V or floating
Turn-on optimization enabled
8.3.3 VCC and Undervoltage Lockout
The UCD7138 device has an internal undervoltage-lockout (UVLO) protection feature based on the VCC-pin
voltage. Whenever the driver is in the UVLO condition (such as when the VCC voltage is less than VCC(ON) during
power up or when the VCC voltage is less than VCC(OFF) during power down), the device holds all outputs low,
regardless of the status of the inputs. The UVLO voltage is typically 3.8 V with a 240-mV hysteresis. This
hysteresis helps prevent chatter when low VCC supply voltages have noise from the power supply and also when
droops occur in the VCC bias voltage.
For example, at power up, the UCD7138 driver output remains low until the VCC voltage reaches the UVLO
threshold. The magnitude of the OUT signal rises with VCC until steady-state VCC is reached. The output remains
low until the UVLO threshold is reached. The DTC signal begins to rise when VCC begins to rise. The internal
diode conduction detection comparator remains inactive until VCC passes VCC(ON) threshold.
Figure 25. Device Power Up and Power Down
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: UCD7138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com