전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCD7138DRST 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 UCD7138DRST
상세설명  4-A and 6-A Single-Channel Synchronous-Rectifier Driver With Body-Diode Conduction Sensing and Reporting
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UCD7138DRST 데이터시트(HTML) 21 Page - Texas Instruments

Back Button UCD7138DRST Datasheet HTML 17Page - Texas Instruments UCD7138DRST Datasheet HTML 18Page - Texas Instruments UCD7138DRST Datasheet HTML 19Page - Texas Instruments UCD7138DRST Datasheet HTML 20Page - Texas Instruments UCD7138DRST Datasheet HTML 21Page - Texas Instruments UCD7138DRST Datasheet HTML 22Page - Texas Instruments UCD7138DRST Datasheet HTML 23Page - Texas Instruments UCD7138DRST Datasheet HTML 24Page - Texas Instruments UCD7138DRST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1
2
3
6
4
5
Thermal Pad
(GND)
CTRL
DTC
IN
VD
OUT
VCC
UCD7138
Connect to
SR MOSFET
drain terminal
G
D
S
UCD7138
www.ti.com
SLVSCS1B – MARCH 2015 – REVISED MAY 2015
Typical Application (continued)
9.2.1.1.3
Drain-to-Source Voltage Sensing
When the drain-to-source voltage is below 0 V, current flows out of the VD pin to the drain terminal of the
MOSFET. This current flow must be limited to ensure proper operation of the device. The recommended current-
limiting resistance value is 20
Ω.
The highest voltage that can be applied to VD pin is 45 V which is good for applications where 40-V MOSFETs
are used for the secondary-side SRs. If a higher voltage is required for VD pin, an external high-voltage blocking
circuit can be used together with the UCD7138 device as shown in Figure 34. Depending on the required voltage
rating, a different external high-voltage blocking MOSFET can be selected. Usually a small SOT-23 MOSFET
can be used. In this circuit, the gate terminal of the external high-voltage blocking MOSFET is connected to VCC
of the UCD7138 gate driver. The source terminal is connected with a current-limiting resistor to the VD pin of the
UCD7138 device. The drain terminal is connected to the SR MOSFET drain terminal. When a low voltage is
presented at the drain terminal, the blocking MOSFET is turned on because of the positive gate-to-source
voltage. When the drain voltage becomes higher and higher, the source terminal voltage rises along with the
drain terminal until the gate-to-source voltage falls below the threshold. When the source voltage is high enough
so that the blocking MOSFET is turned off, the high voltage on the SR drain is blocked.
Figure 34. External High-Voltage Blocking Circuit
9.2.1.1.4
DTC Output
The DTC pin is the internal comparator output. This pin should be connected to the DTC0 or DTC1 pin on the
UCD3138A device. To keep edges sharp, no filtering is recommended. If noise spikes are observed on the DTC
signal, the blanking times in the UCD3138A device can be used to prevent the digital controller from sensing
noise. This pin is not designed to drive large current. If filtering must be used, ensure that the sink and source
current on this pin is within ±4 mA as specified in the
Electrical Characteristics table.
9.2.1.1.5
Turn-on Edge Optimization
The turnon edge optimization is useful when a positive current flow is at the rising edge of SRs. To maximize the
efficiency gain, the dead time between the falling edge of the primary and the rising edge of the secondary
should be programmed to a smaller value than expected, so that the rising edge of the SRs can move freely by
UCD7138.
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Design Without SR-Control Optimization
The design procedure of an LLC converter with synchronous rectification can be greatly simplified by using the
UCD7138 and UCD3138A chipset. The converter hardware and firmware can initially be designed without
advanced SR optimization and then add SR optimization function in.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: UCD7138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com