전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX5243 데이터시트(PDF) 38 Page - ON Semiconductor

부품명 AX5243
상세설명  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 데이터시트(HTML) 38 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 34Page - ON Semiconductor AX5243 Datasheet HTML 35Page - ON Semiconductor AX5243 Datasheet HTML 36Page - ON Semiconductor AX5243 Datasheet HTML 37Page - ON Semiconductor AX5243 Datasheet HTML 38Page - ON Semiconductor AX5243 Datasheet HTML 39Page - ON Semiconductor AX5243 Datasheet HTML 40Page - ON Semiconductor AX5243 Datasheet HTML 41Page - ON Semiconductor AX5243 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Circuit Description
www.onsemi.com
AX5243
38
A typical
PWRMODE sequence for a transmit session :
Step
PWRMODE
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
FULLTX
Data transmission
4
POWERDOWN
A typical
PWRMODE sequence for a receive session :
Step
PWRMODE[3:0] Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms
3
FULLRX
Data reception
4
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com