전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTS560MFS 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NTS560MFS
상세설명  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS560MFS 데이터시트(HTML) 1 Page - ON Semiconductor

  NTS560MFS Datasheet HTML 1Page - ON Semiconductor NTS560MFS Datasheet HTML 2Page - ON Semiconductor NTS560MFS Datasheet HTML 3Page - ON Semiconductor NTS560MFS Datasheet HTML 4Page - ON Semiconductor NTS560MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 0
1
Publication Order Number:
NTS560MFS/D
NTS560MFS
Exceptionally Low Forward
Voltage Trench-based
Schottky Rectifier
Features
• Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
• Fast Switching with Exceptional Temperature Stability
• Low Power Loss and Lower Operating Temperature
• Higher Efficiency for Achieving Regulatory Compliance
• Low Thermal Resistance
• High Surge Capability
• These are Pb−Free and Halide−Free Devices
Typical Applications
• Switching Power Supplies including Wireless, Smartphone and
Notebook Adapters
• High Frequency and DC−DC Converters
• Freewheeling and OR−ing diodes
• Reverse Battery Protection
• Instrumentation
Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting SurfaceTemperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Device
Package
Shipping†
ORDERING INFORMATION
NTS560MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
SCHOTTKY BARRIER
RECTIFIERS
5 AMPERES
60 VOLTS
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
TH0560
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
TH0560
AYWWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NTS560MFST3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
www.onsemi.com


유사한 부품 번호 - NTS560MFS

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS500 ARTESYN-NTS500 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS500-M EMERSON-NETWORKPOWER-NTS500-M Datasheet
1Mb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M Datasheet
680Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
More results

유사한 설명 - NTS560MFS

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com