전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTS560MFS 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NTS560MFS
상세설명  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS560MFS 데이터시트(HTML) 3 Page - ON Semiconductor

  NTS560MFS Datasheet HTML 1Page - ON Semiconductor NTS560MFS Datasheet HTML 2Page - ON Semiconductor NTS560MFS Datasheet HTML 3Page - ON Semiconductor NTS560MFS Datasheet HTML 4Page - ON Semiconductor NTS560MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTS560MFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.7
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
0.8
0.6
0.5
0.3
0.2
0.1
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
40
30
25
20
15
10
5
1.E−06
45
35
30
20
10
5
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
100
1000
0.9
35
45
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
15
25
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
10
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
1.E−01
Figure 6. Current Derating per Device
TC, CASE TEMPERATURE (°C)
80
60
140
120
20
0
0
3
6
9
12
40
100
Square Wave
DC
RqJC = 2.4°C/W
TJ = 25°C
0.6
0.8
0.4
0.7
40
TA = 150°C
1.0
55
50
60
1.E−07
60
50
55
1.E−07
1.E−06
1
2
5
1
4
8
11
7
10



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com