전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT90823AP 데이터시트(PDF) 21 Page - Mitel Networks Corporation

부품명 MT90823AP
상세설명  3V Large Digital Switch
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITEL [Mitel Networks Corporation]
홈페이지  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90823AP 데이터시트(HTML) 21 Page - Mitel Networks Corporation

Back Button MT90823AP Datasheet HTML 17Page - Mitel Networks Corporation MT90823AP Datasheet HTML 18Page - Mitel Networks Corporation MT90823AP Datasheet HTML 19Page - Mitel Networks Corporation MT90823AP Datasheet HTML 20Page - Mitel Networks Corporation MT90823AP Datasheet HTML 21Page - Mitel Networks Corporation MT90823AP Datasheet HTML 22Page - Mitel Networks Corporation MT90823AP Datasheet HTML 23Page - Mitel Networks Corporation MT90823AP Datasheet HTML 24Page - Mitel Networks Corporation MT90823AP Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CMOS
MT90823
21
Figure 6 - Switch Matrix with Serial Stream at Various Bit Rates
Figure 7 - Serial Input Frame Alignment Evaluation for Various Frame Pulses
16 Streams
IN
16 Streams
OUT
16 Streams
16 Streams
MT90823
#1
MT90823
#2
MT90823
#3
MT90823
#4
2.048 Mb/s
1,024 - Channel Switch
4.096 Mb/s
2,048 - Channel Switch
4,096 - Channel Switch
8.192 Mb/s
Bit Rate
(IN/OUT)
Size of
Switch Matrix
STi0
STo[0:15]
STi1
STi2
STi15
Frame Alignment
Evaluation circuit
Central
Timing Source
FE
input
CLK
FP
FP STi15
FP STi0
FP STi1
FP STi2
External
Mux
MT90823
Note:
1. Use the external mux to select one of the serial frame pulses.
2. To start a measurement cycle, set the Start Frame Evaluation (SFE) bit in the IMS register low for at least 1 frame.
3. Frame evaluation starts when the SFE bit is changed from low to high.
4. Two frames later, the Complete Frame Evaluation (CFE) bit of the Frame Alignment Register (FAR) changes from low to
high to signal the CPU that a valid offset measurement is ready to be read from bit [11:0] of the FAR register.
5. The SFE bit must be set to zero before a new measurement cycle started.
Applications
Switch Matrix Architectures
The MT90823 is an ideal device for medium to large
size switch matrices where voice and grouped data
channels are transported within the same frame. In
such applications, the voice samples have to be time
interchanged with a minimum delay while maintain-
ing the integrity of grouped data. To ensure the
integrity of grouped data during switching and to
provide a minimum delay for voice connections, the
MT90823 provides per-channel selection between
variable and constant throughput delay. This can be
selected by the V/C bit of the Connection Memory.
Figure 6 illustrates how four MT90823 devices can
be used to form non-blocking switches for up to 4096
channels with data rate of 8.192 Mb/s.
Serial Input Frame Alignment Evaluation
The MT90823 is capable of performing frame
alignment
evaluation.
The
frame
pulse
under
evaluation is connected to the FE (frame measure-
ment) pin. An external multiplexer is required to
select one of the frame pulses related to the different
input streams. The block diagram at Figure 7 shows
a switch matrix that performs frame alignment
evaluation for 16 frame pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com