전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT90823AP 데이터시트(PDF) 22 Page - Mitel Networks Corporation

부품명 MT90823AP
상세설명  3V Large Digital Switch
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITEL [Mitel Networks Corporation]
홈페이지  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90823AP 데이터시트(HTML) 22 Page - Mitel Networks Corporation

Back Button MT90823AP Datasheet HTML 18Page - Mitel Networks Corporation MT90823AP Datasheet HTML 19Page - Mitel Networks Corporation MT90823AP Datasheet HTML 20Page - Mitel Networks Corporation MT90823AP Datasheet HTML 21Page - Mitel Networks Corporation MT90823AP Datasheet HTML 22Page - Mitel Networks Corporation MT90823AP Datasheet HTML 23Page - Mitel Networks Corporation MT90823AP Datasheet HTML 24Page - Mitel Networks Corporation MT90823AP Datasheet HTML 25Page - Mitel Networks Corporation MT90823AP Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
MT90823 CMOS
Wide Frame Pulse (WFP) Frame Alignment
Mode
When the device is in the wide frame pulse mode
and if the input data streams are sampled at 3/4 bit
time, the device can operate in the HMVIP and
MVIP-90 environment. When input data streams are
sampled at half-bit time as specified in the HMVIP
and MVIP-90 standard, the device can only operate
with data rate of 2 Mb/s. Refer to the ST-BUS output
delay parameter, tSOD, as specified in the AC
Electrical Characteristic table.
The MT90823 is designed to accept a common
frame pulse F0i, the 4.096 MHz and 16.384 MHz
clocks required by the HMVIP standards. To enable
the Wide Frame Pulse Frame Alignment Mode, the
WFPS pin has to be set to HIGH and the DR1 and
DR0 bits set for 8.192Mb/s data rate operation.
Digital Access Cross-Connect System
Figure 8 illustrates the use of MT90823 devices to
construct a 256 E1/T1 Digital Access Cross- connect
System (DACS). The system consists of 32 trunk
cards each having eight E1 or T1 trunk interfaces for
a total of 256 trunks. Each trunk card uses two
MT8986 Multi-rate Digital Switches. The central
switching block uses 16 MT90823 devices.
The block diagram at Figure 9 shows how an 8,192 x
8,192 channel switch can be constructed from 4,096
x 4,096 channel switch modules. Figure 6 shows the
implementation of the individual 4,096 x 4,096
channel switch modules from four MT90823 devices.
Figure 10 shows an eight-stream trunk card using
MT8986 Multi-rate Digital Switches to concentrate
32-channel 2.048 Mb/s ST-BUS (DSTi and DSTo)
streams at each E1/T1 trunk onto four 128-channel
8.192 Mb/s streams.
The DACS switching matrix that formerly required
256 MT8986 devices in a square (16 x 16)
configuration can now be provided by 64 MT8986
and 16 MT90823 devices (see Figure 8).
Figure 8 - 256 E1/T1 Digital Access Cross-Connect System (DACS)
8 x E1/T1
Trunk Card
E10
E17
8 x E1/T1
Trunk Card
E18
TC1
E115
8 x E1/T1
Trunk Card
E1247
TC31
E1255
64 input streams
x
64 output streams
Sixteen MT90823
(8 Mb/s mode)
8,192 x 8,192 channel
Switch Matrix
(See Figure 9)
(Figure 10)
128 channels at 8.192Mb/s
Each line represents a stream
TC0
that consists of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com