전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCE25GD135T 데이터시트(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

부품명 NCE25GD135T
상세설명  1350V, 25A, Trench NPT IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
홈페이지  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE25GD135T 데이터시트(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE25GD135T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 6
v1.0
NCE25GD135T
Pb Free Product
Typical Performance Characteristics (Continued)
Figure 13. Switching Loss vs. Collector Current
Figure14. Gate Charge Characteristics
Figure 15. SOA Characteristics
Figure 16. Turn-Off SOA
Figure 17. Transient Thermal Impedance of IGBT
Collector Current, IC (A)
Gate Charge, Qg (nC)
Collector Emitter Voltage, (V)
Collector Emitter Voltage, (V)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com