전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCE25GD135T 데이터시트(PDF) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

부품명 NCE25GD135T
상세설명  1350V, 25A, Trench NPT IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
홈페이지  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE25GD135T 데이터시트(HTML) 7 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE25GD135T Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE25GD135T Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page 7
v1.0
NCE25GD135T
Pb Free Product
TO-247 Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.850
5.150
0.191
0.200
A1
2.200
2.600
0.087
0.102
b
1.000
1.400
0.039
0.055
b1
2.800
3.200
0.110
0.126
b2
1.800
2.200
0.071
0.087
c
0.500
0.700
0.020
0.028
c1
1.900
2.100
0.075
0.083
D
15.450
15.750
0.608
0.620
E1
3.500 REF
0.138 REF
E2
3.600 REF
0.142 REF
L
40.900
41.300
1.610
1.626
L1
24.800
25.100
0.976
0.988
L2
20.300
20.600
0.799
0.811
Φ
7.100
7.300
0.280
0.287
e
5.450 TYP
0.215 TYP
H
5.980 REF
0.235 REF



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com