전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD6830P 데이터시트(PDF) 22 Page - AUK corp

부품명 SD6830P
상세설명  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830P 데이터시트(HTML) 22 Page - AUK corp

Back Button SD6830P Datasheet HTML 18Page - AUK corp SD6830P Datasheet HTML 19Page - AUK corp SD6830P Datasheet HTML 20Page - AUK corp SD6830P Datasheet HTML 21Page - AUK corp SD6830P Datasheet HTML 22Page - AUK corp SD6830P Datasheet HTML 23Page - AUK corp SD6830P Datasheet HTML 24Page - AUK corp SD6830P Datasheet HTML 25Page - AUK corp SD6830P Datasheet HTML 26Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
KSI-W002-000
22
CLRB F
Binary code
:
00001010
Syntax
:
[<label>] CLRB F
Operation
:
F.(L) ← 0
Flags
:
CY: Unaffected
SF: Unaffected
Words/Cycles
:
1/1
Description
: Clears the specified bit of port F addressed by the lower 3-bit of register
L to zero.
Example
: LDL 13 ; Load 13 to L
CLRB
F
: Clears the bit 5 of F to zero
CLRB G
Binary code
: 00101100
Syntax
: [<label>] CLRB G
Operation
: G.(L) ← 0
Flags
: CY: Unaffected
SF: Unaffected
Words/Cycles
:
1/1
Description
: Clears the port G to zero.
Example
:
CLRB
G
; Clear G to zero
CLRB H
Binary code
:
00100100
Syntax
:
[<label>] CLRB H
Operation
:
(H) ← 0
Flags
:
CY: Unaffected
SF: Unaffected
Words/Cycles
:
1/1
Description
: Clears the contents of register H to zero. Skip this instruction if it or
SETB H was used just before.
Example
: IFEQU 1
CLRB H
; Clear H to zero and skip continuous SETB H/CLRB H, if (A)≠1
SETB H
; Sets H to one and skip continuous SETB H/CLRB H, if (A)=1
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34