전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPA659 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 OPA659
상세설명  JFET-Input Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPA659 데이터시트(HTML) 8 Page - Texas Instruments

Back Button OPA659 Datasheet HTML 4Page - Texas Instruments OPA659 Datasheet HTML 5Page - Texas Instruments OPA659 Datasheet HTML 6Page - Texas Instruments OPA659 Datasheet HTML 7Page - Texas Instruments OPA659 Datasheet HTML 8Page - Texas Instruments OPA659 Datasheet HTML 9Page - Texas Instruments OPA659 Datasheet HTML 10Page - Texas Instruments OPA659 Datasheet HTML 11Page - Texas Instruments OPA659 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
3.5
2.5
1.5
0.5
0.5
1.5
2.5
3.5
-
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
3.5
2.5
1.5
0.5
0.5
1.5
2.5
3.5
-
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
0.3
0.2
0.1
0
0.1
0.2
0.3
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
0.3
0.2
0.1
0
0.1
0.2
0.3
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
1.5
1.0
0.5
0
0.5
1.0
1.5
-
-
-
0
10
20
30
40
50
Time(ns)
V
OUT
V
IN
OPA659
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
www.ti.com
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 7. Noninverting Transient Response (0.5-V Step)
Figure 8. Noninverting Transient Response (2-V Step)
Figure 9. Noninverting Transient Response (5-V Step)
Figure 10. Inverting Transient Response (0.5-V Step)
Figure 11. Inverting Transient Response (2-V Step)
Figure 12. Inverting Transient Response (5-V Step)
8
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: OPA659



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com