전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z86C2112FSC 데이터시트(PDF) 8 Page - Zilog, Inc.

부품명 Z86C2112FSC
상세설명  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2112FSC 데이터시트(HTML) 8 Page - Zilog, Inc.

Back Button Z86C2112FSC Datasheet HTML 4Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 5Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 6Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 7Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 8Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 9Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 10Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 11Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
\8
Z86C21 MCU
WITH
8K ROM
PIN FUNCTIONS (Continued)
Port 1 (P17-P10). Port 1 is an 8-bit, byte programmable,
bidirectional, TTL compatible port. It has multiplexed Ad-
dress (A7-A0) and Data (D7-D0) ports. For Z86C21, these
eight I/O lines can be programmed as Input or Output lines
or can be configured under software control as an ad-
dress/data port for interfacing external memory. When
used as an I/O port, Port 1 can be placed under handshake
control. In this configuration, Port 3 line P33 and P34 are
used as the handshake controls RDY1 and /DAV1.
Memory locations greater than 8192 are referenced through
Port 1. To interface external memory, Port 1 is programmed
for the multiplexed Address/Data mode. If more than 256
external locations are required, Port 0 must output the
additional lines.
Port 1 can be placed in a high-impedance state along with
Port 0, /AS, /DS and R//W, allowing the MCU to share
common resource in multiprocessor and DMA applica-
tions. Data transfers are controlled by assigning P33 as a
Bus Acknowledge input, and P34 as a Bus request output
(Figure 6).
OEN
Out
In
PAD
Port 1
(AD7-AD0)
Z86C21
MCU
TTL Level Shifter
Auto Latch
R
≈ 500 KΩ
8
Handshake Controls
/DAV1 and RDY1
(P33 and P34)
Figure 6. Port 1 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com