전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z86C2112FSC 데이터시트(PDF) 21 Page - Zilog, Inc.

부품명 Z86C2112FSC
상세설명  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2112FSC 데이터시트(HTML) 21 Page - Zilog, Inc.

Back Button Z86C2112FSC Datasheet HTML 17Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 20Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 21Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 22Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 23Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 24Page - Zilog, Inc. Z86C2112FSC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
Z86C21 MCU
WITH
8K ROM
AC CHARACTERISTICS
External I/O or Memory Read or Write Timing Table
T
A = 0°C to +70°CTA = –40°C to +105°C
12 MHz
16 MHz
12 MHz
16 MHz
No
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to /AS Rise Delay
35
25
35
25
ns
[2,3]
2
TdAS(A)
/AS Rise to Address Float Delay
45
35
45
35
ns
[2,3]
3
TdAS(DR)
/AS Rise to Read Data Req’d Valid
250
180
250
180
ns
[1,2,3]
4
TwAS
/AS Low Width
55
40
55
40
ns
[2,3]
5
TdAZ(DS)
Address Float to /DS Fall
0000
ns
6
TwDSR
/DS (Read) Low Width
185
135
185
135
ns
[1,2,3]
7
TwDSW
/DS (Write) Low Width
110
80
110
80
ns
[1,2,3]
8
TdDSR(DR)
/DS Fall to Read Data Req’d Valid
130
75
130
75
ns
[1,2,3]
9
ThDR(DS)
Read Data to /DS Rise Hold Time
0000
ns
[2,3]
10
TdDS(A)
/DS Rise to Address Active Delay
65
50
65
50
ns
[2,3]
11
TdDS(AS)
/DS Rise to /AS Fall Delay
45
35
45
35
ns
[2,3]
12
TdR/W(AS)
R//W Valid to /AS Rise Delay
30
20
33
25
ns
[2,3]
13
TdDS(R/W)
/DS Rise to R//W Not Valid
50
35
50
35
ns
[2,3]
14
TdDW(DSW) Write Data Valid to /DS Fall (Write) Delay
35
25
35
25
ns
[2,3]
15
TdDS(DW)
/DS Rise to Write Data Not Valid Delay
55
35
55
35
ns
[2,3]
16
TdA(DR)
Address Valid to Read Data Req’d Valid
310
230
310
230
ns
[1,2,3]
17
TdAS(DS)
/AS Rise to /DS Fall Delay
65
45
65
45
ns
[2,3]
18
TdDM(AS)
/DM Valid to /AS Rise Delay
50
30
50
30
ns
[2,3]
Clock Dependent Formulas
Number
Symbol
Equation
1
TdA(AS)
0.40TpC + 0.32
2
TdAS(A)
0.59TpC – 3.25
3
TdAS(DR)
2.83TpC + 6.14
4
TwAS
0.66TpC – 1.65
6
TwDSR
2.33TpC – 10.56
7
TwDSW
1.27TpC + 1.67
8
TdDSR(DR)
1.97TpC – 42.5
10
TdDS(A)
0.8TpC
11
TdDS(AS)
0.59TpC – 3.14
12
TdR/W(AS)
0.4TpC
13
TdDS(R/W)
0.8TpC – 15
14
TdDW(DSW)
0.4TpC
15
TdDS(DW)
0.88TpC – 19
16
TdA(DR)
4TpC –20
17
TdAS(DS)
0.91TpC –10.7
18
TdDM(AS)
0.9TpC – 26.3
Notes:
[1] When using extended memory timing add 2 TpC.
[2] Timing numbers given are for minimum TpC.
[3] See clock cycle dependent characteristics table.
Standard Test Load
All timing references use 2.0V for a logic 1 and 0.8V for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com