전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

286C6116FSC 데이터시트(PDF) 42 Page - Zilog, Inc.

부품명 286C6116FSC
상세설명  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC 데이터시트(HTML) 42 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 38Page - Zilog, Inc. 286C6116FSC Datasheet HTML 39Page - Zilog, Inc. 286C6116FSC Datasheet HTML 40Page - Zilog, Inc. 286C6116FSC Datasheet HTML 41Page - Zilog, Inc. 286C6116FSC Datasheet HTML 42Page - Zilog, Inc. 286C6116FSC Datasheet HTML 43Page - Zilog, Inc. 286C6116FSC Datasheet HTML 44Page - Zilog, Inc. 286C6116FSC Datasheet HTML 45Page - Zilog, Inc. 286C6116FSC Datasheet HTML 46Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
42
Z86C61/62/96
Z8® MICROCONTROLLER
INSTRUCTION SUMMARY (Continued)
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
NOP
FF
--
--
--
OR dst, src
†
4[ ]
-
TT 0-
-
dst
←dst OR src
POP dst
R
50
-
--
--
-
dst
←@SP;
IR
51
SP
←SP + 1
PUSH src
R
70
-
--
--
-
SP
←SP – 1;
IR
71
@SP
←src
RCF
CF
0
-
--
--
C
←0
RET
AF
--
--
--
PC
←@SP;
SP
←SP + 2
RL dst
R
90
TT TT --
IR
91
RLC dst
R
10
TT TT --
IR
11
RR dst
R
E0
TT TT --
IR
E1
RRC dst
R
C0
TT TT --
IR
C1
SBC dst, src
†
3[ ]
TT TT 1 T
dst
←dst←src←C
SCF
DF
1
-
--
--
C
←1
SRA dst
R
D0
TT T 0-
-
IR
D1
SRP src
Im
31
--
--
--
RP
←src
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
STOP
6F
--
--
--
SUB dst, src
†
2[ ]
TT TT 1 T
dst
←dst←src
SWAP dst
R
F0
X TT X-
-
IR
F1
TCM dst, src
†
6[ ]
-
TT 0-
-
(NOT dst)
AND src
TM dst, src
†
7[ ]
-
TT 0-
-
dst AND src
XOR dst, src
†
B[ ]
-
TT 0-
-
dst
←dst
XOR src
† These instructions have an identical set of addressing modes, which
are encoded for brevity. The first opcode nibble is found in the instruction
set table above. The second nibble is expressed symbolically by a ‘[ ]’
in this table, and its value is found in the following table to the left of the
applicable addressing mode pair.
For example, the opcode of an ADC instruction using the addressing
modes r (destination) and Ir (source) is 13.
Address Mode
Lower
dst
src
Opcode Nibble
r
r
[2]
r
Ir
[3]
R
R
[4]
R
IR
[5]
R
IM
[6]
IR
IM
[7]
C
70
C
70
C
70
C
70
C
70
74
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46