전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

286C6116FSC 데이터시트(PDF) 43 Page - Zilog, Inc.

부품명 286C6116FSC
상세설명  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

286C6116FSC 데이터시트(HTML) 43 Page - Zilog, Inc.

Back Button 286C6116FSC Datasheet HTML 38Page - Zilog, Inc. 286C6116FSC Datasheet HTML 39Page - Zilog, Inc. 286C6116FSC Datasheet HTML 40Page - Zilog, Inc. 286C6116FSC Datasheet HTML 41Page - Zilog, Inc. 286C6116FSC Datasheet HTML 42Page - Zilog, Inc. 286C6116FSC Datasheet HTML 43Page - Zilog, Inc. 286C6116FSC Datasheet HTML 44Page - Zilog, Inc. 286C6116FSC Datasheet HTML 45Page - Zilog, Inc. 286C6116FSC Datasheet HTML 46Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
43
Z86C61/62/96
Z8® MICROCONTROLLER
OPCODE MAP
6.5
DEC
R1
6.5
DEC
IR1
6.5
ADD
r1, r2
6.5
ADD
r1, Ir2
10.5
ADD
R2, R1
10.5
ADD
IR2, R1
10.5
ADD
R1, IM
10.5
ADD
IR1, IM
0123456789
ABCDE
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Lower Nibble (Hex)
Bytes per Instruction
23
2
3
1
6.5
RLC
R1
6.5
RLC
IR1
6.5
ADC
r1, r2
6.5
ADC
r1, Ir2
10.5
ADC
R2, R1
10.5
ADC
IR2, R1
10.5
ADC
R1, IM
10.5
ADC
IR1, IM
6.5
INC
R1
6.5
INC
IR1
6.5
SUB
r1, r2
6.5
SUB
r1, Ir2
10.5
SUB
R2, R1
10.5
SUB
IR2, R1
10.5
SUB
R1, IM
10.5
SUB
IR1, IM
10.5
DECW
RR1
10.5
DECW
IR1
6.5
RL
R1
6.5
RL
IR1
10.5
INCW
RR1
10.5
INCW
IR1
6.5
CP
r1, r2
6.5
CP
r1, Ir2
10.5
CP
R2, R1
10.5
CP
IR2, R1
10.5
CP
R1, IM
10.5
CP
IR1, IM
6.5
CLR
R1
6.5
CLR
IR1
6.5
XOR
r1, r2
6.5
XOR
r1, Ir2
10.5
XOR
R2, R1
10.5
XOR
IR2, R1
10.5
XOR
R1, IM
10.5
XOR
IR1, IM
6.5
RRC
R1
6.5
RRC
IR1
12.0
LDC
r1, Irr2
18.0
LDCI
Ir1, Irr2
10.5
LD
r1,x,R2
6.5
SRA
R1
6.5
SRA
IR1
20.0
CALL*
IRR1
20.0
CALL
DA
10.5
LD
r2,x,R1
6.5
RR
R1
6.5
RR
IR1
6.5
LD
r1, IR2
10.5
LD
R2, R1
10.5
LD
IR2, R1
10.5
LD
R1, IM
10.5
LD
IR1, IM
8.5
SWAP
R1
8.5
SWAP
IR1
6.5
LD
Ir1, r2
10.5
LD
R2, IR1
6.5
LD
r1, R2
6.5
LD
r2, R1
12/10.5
DJNZ
r1, RA
12/10.0
JR
cc, RA
6.5
LD
r1, IM
12.10.0
JP
cc, DA
6.5
INC
r1
6.0
STOP
7.0
HALT
6.1
DI
6.1
EI
14.0
RET
16.0
IRET
6.5
RCF
6.5
SCF
6.5
CCF
6.0
NOP
10.5
CP
R , R
12
4
A
Lower
Opcode
Nibble
Pipeline
Cycles
Mnemonic
Second
Operand
Execution
Cycles
Upper
Opcode
Nibble
First
Operand
Legend:
R = 8-bit Address
r = 4-bit Address
R1 or r1 = Dst Address
R2 or r2 = Src Address
Sequence:
Opcode, First Operand,
Second Operand
Note: Blank areas not defined.
*2-byte instruction appears as
a 3-byte instruction
8.0
JP
IRR1
6.1
SRP
IM
6.5
SBC
r1, r2
6.5
SBC
r1, Ir2
10.5
SBC
R2, R1
10.5
SBC
IR2, R1
10.5
SBC
R1, IM
10.5
SBC
IR1, IM
8.5
DA
R1
8.5
DA
IR1
6.5
OR
r1, r2
6.5
OR
r1, Ir2
10.5
OR
R2, R1
10.5
OR
IR2, R1
10.5
OR
R1, IM
10.5
OR
IR1, IM
10.5
POP
R1
10.5
POP
IR1
6.5
AND
r1, r2
6.5
AND
r1, Ir2
10.5
AND
R2, R1
10.5
AND
IR2, R1
10.5
AND
R1, IM
10.5
AND
IR1, IM
6.5
COM
R1
6.5
COM
IR1
6.5
TCM
r1, r2
6.5
TCM
r1, Ir2
10.5
TCM
R2, R1
10.5
TCM
IR2, R1
10.5
TCM
R1, IM
10.5
TCM
IR1, IM
10/12.1
PUSH
R2
12/14.1
PUSH
IR2
6.5
TM
r1, r2
6.5
TM
r1, Ir2
10.5
TM
R2, R1
10.5
TM
IR2, R1
10.5
TM
R1, IM
10.5
TM
IR1, IM
12.0
LDC
r1, Irr2
18.0
LDCI
Ir1, Irr2
12.0
LDE
r1, Irr2
18.0
LDEI
Ir1, Irr2
12.0
LDE
r2, Irr1
18.0
LDEI
Ir2, Irr1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46