전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS2DS12 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 LIS2DS12
상세설명  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button LIS2DS12 Datasheet HTML 60Page - STMicroelectronics LIS2DS12 Datasheet HTML 61Page - STMicroelectronics LIS2DS12 Datasheet HTML 62Page - STMicroelectronics LIS2DS12 Datasheet HTML 63Page - STMicroelectronics LIS2DS12 Datasheet HTML 64Page - STMicroelectronics LIS2DS12 Datasheet HTML 65Page - STMicroelectronics LIS2DS12 Datasheet HTML 66Page - STMicroelectronics LIS2DS12 Datasheet HTML 67Page - STMicroelectronics LIS2DS12 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Package information
LIS2DS12
64/68
DocID027753 Rev 4
11
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
11.1
Soldering information
The LGA package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Leave “Pin 1 Indicator” unconnected during soldering.
Land pattern and soldering recommendations are available at www.st.com.
11.2
LGA-12 package information
Figure 20. LGA-12 2x2x0.86 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68