전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3630 데이터시트(PDF) 55 Page - ams AG

부품명 AS3630
상세설명  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3630 데이터시트(HTML) 55 Page - ams AG

Back Button AS3630 Datasheet HTML 51Page - ams AG AS3630 Datasheet HTML 52Page - ams AG AS3630 Datasheet HTML 53Page - ams AG AS3630 Datasheet HTML 54Page - ams AG AS3630 Datasheet HTML 55Page - ams AG AS3630 Datasheet HTML 56Page - ams AG AS3630 Datasheet HTML 57Page - ams AG AS3630 Datasheet HTML 58Page - ams AG AS3630 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 55
0Dh
ADC MSB
ADC_D9-D2
Access
RO
Reset Value
NA
ADC MSB results bit 9 to bit 2
0Eh
ADC LSB
led_current_rampdown
ADC_D1-D0
Access
RW
RO
Reset Value
00
NA
Automatically ramp-down of
LED current register led_current
during flash
00 ... no ramp-down
01 ...1LSB every 100μs
10 ...1LSB every 200μs
11 ...1LSB every 500μs
ADC LSB results bit 1 to bit 0
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72