전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601-ASOM 데이터시트(PDF) 19 Page - ams AG

부품명 AS5601-ASOM
상세설명  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOM 데이터시트(HTML) 19 Page - ams AG

Back Button AS5601-ASOM Datasheet HTML 15Page - ams AG AS5601-ASOM Datasheet HTML 16Page - ams AG AS5601-ASOM Datasheet HTML 17Page - ams AG AS5601-ASOM Datasheet HTML 18Page - ams AG AS5601-ASOM Datasheet HTML 19Page - ams AG AS5601-ASOM Datasheet HTML 20Page - ams AG AS5601-ASOM Datasheet HTML 21Page - ams AG AS5601-ASOM Datasheet HTML 22Page - ams AG AS5601-ASOM Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
ams Datasheet
Page 19
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Register Description
The following registers are accessible over the serial I²C
interface. The 7-bit device address of the AS5601 is 0x36
(0110110 in binary). To permanently program a configuration,
a non-volatile memory (OTP) is provided.
Figure 19:
Register Map
Note(s) and/or Footnote(s):
1. To change a configuration, read out the register, modify only the desired bits and write the new configuration. Blank fields may
contain factory settings.
2. During power-up, configuration registers are reset to the permanently programmed value. Not programmed bits are zero.
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Registers (1), (2)
0x00
ZMCO
R
ZMCO(1:0)
0x01
ZPOS
R/W/P
ZPOS(11:8)
0x02
ZPOS(7:0)
0x07
CONF
R/W/P
WD
FTH(2:0)
SF(1:0)
0x08
HYST(1:0)
PM(1:0)
0x09
ABN
R/W/P
ABN(3:0)
0x0A
PUSHTHR
R/W/P
PUSHTHR(7:0)
Output Registers
0x0C
RAW ANGLE
RRAW ANGLE(11:8)
0x0D
R
RAW ANGLE(7:0)
0x0E
ANGLE
R
ANGLE(11:8)
0x0F
R
ANGLE(7:0)
Status Registers
0x0B
STATUS
RMD
ML
MH
0x1A
AGC
RAGC(7:0)
0x1B
MAGNITUDE
RMAGNITUDE (11:8)
0x1C
R
MAGNITUDE(7:0)
Burn Command
0xFF
BURN
W
Burn_Angle = 0x80; Burn_Setting = 0x40
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43