전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5601-ASOM 데이터시트(PDF) 5 Page - ams AG

부품명 AS5601-ASOM
상세설명  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5601-ASOM 데이터시트(HTML) 5 Page - ams AG

  AS5601-ASOM Datasheet HTML 1Page - ams AG AS5601-ASOM Datasheet HTML 2Page - ams AG AS5601-ASOM Datasheet HTML 3Page - ams AG AS5601-ASOM Datasheet HTML 4Page - ams AG AS5601-ASOM Datasheet HTML 5Page - ams AG AS5601-ASOM Datasheet HTML 6Page - ams AG AS5601-ASOM Datasheet HTML 7Page - ams AG AS5601-ASOM Datasheet HTML 8Page - ams AG AS5601-ASOM Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ams Datasheet
Page 5
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Operating Conditions
Figure 6:
System Electrical Characteristics and Temperature Range
Note(s) and/or Footnote(s):
1. For typical magnetic field (60 mT) excluding current delivered to the external load and tolerance on polling times.
2. For OTP burn procedure the supply line source resistance should not exceed 1Ohm.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD5V
Positive supply voltage in
5.0V mode
5.0V operation mode
4.5
5.0
5.5
V
During OTP burn procedure(2)
VDD3V3
Positive supply voltage in
3.3V mode
3.3V operation mode
3.0
3.3
3.6
V
During OTP burn procedure(2)
3.3
3.4
3.5
V
IDD
Supply current in NOM (1)
PM = 00 Always on
6.5
mA
lDD_LPM1
Supply current in LPM1 (1)
PM = 01
Polling time = 5 ms
3.4
mA
lDD_ LPM2
Supply current in LPM2 (1)
PM = 10
Polling time = 20 ms
1.8
mA
lDD_ LPM3
Supply current in LPM3 (1)
PM = 11
Polling time = 100 ms
1.5
mA
IDD_BURN
Supply current per bit for
burn procedure
Initial peak, 1 μs
100
mA
Steady burning, <30 μs
40
mA
TA
Operating temperature
-40
+125
°C
TP
Programming
temperature
20
30
°C
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43