| 전자부품 데이터시트 검색엔진 |
|
AS5403E-HTST 데이터시트(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST 데이터시트(HTML) 20 Page - ams AG |
|
20 / 66 page ![]() Page 20 ams Datasheet Document Feedback [v1-06] 2015-Aug-28 AS5403A/D/E − Operation External Components Figure 21: External Components in the System Symbol Parameter Min Typ Max Unit Note CVDD VDD Buffer capacitance 0.8 1 1.2 μF ESRCBVDD ESR of VDD capacitance 0.3 Ω CVDD3 VDD3 Buffer capacitor 0.8 1 1.2 μF ESRREG3 ESR of VDD3 capacitance 0.3 Ω CLOUT OUT Load Capacitance 0 20 nF RPUOUT OUT Pull-Up Resistance 4.7 10 k Ω RPDOUT OUT Pull-Down Resistance 4.7 10 k Ω CLDSW DSW Load Capacitance 0 20 nF RPUDSW DSW Pull-Up Resistance 4.7 10 k Ω RPDDSW DSW Pull-Down Resistance 4.7 10 k Ω |