| 전자부품 데이터시트 검색엔진 |
|
AS5403E-HTST 데이터시트(PDF) 57 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403E-HTST 데이터시트(HTML) 57 Page - ams AG |
|
57 / 66 page ![]() ams Datasheet Page 57 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Package Drawings & Markings Figure 85: Pixel Cell Placement Note(s) and/or Footnote(s): 1. All dimensions in mm. 2. Die thickness 203 μm nom. 3. Adhesive thickness 30 ± 15 μm. 4. Leadframe downest 152 ± 25 μm. 5. Leadframe thickness 125 ± 8 μm. Package Drawings & Markings |