전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMG39921 데이터시트(PDF) 2 Page - ams AG

부품명 TMG39921
상세설명  Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TMG39921 데이터시트(HTML) 2 Page - ams AG

  TMG39921 Datasheet HTML 1Page - ams AG TMG39921 Datasheet HTML 2Page - ams AG TMG39921 Datasheet HTML 3Page - ams AG TMG39921 Datasheet HTML 4Page - ams AG TMG39921 Datasheet HTML 5Page - ams AG TMG39921 Datasheet HTML 6Page - ams AG TMG39921 Datasheet HTML 7Page - ams AG TMG39921 Datasheet HTML 8Page - ams AG TMG39921 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-04] 2014-Oct-24
TMG3992 − General Description
timing, looping, and IR intensity to maximize successful
barcode reception rate among the multitude of different
barcode scanner/readers currently in use globally.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMG3992, Gesture, Color, ALS, and
Proximity Sensor Module with mobeam™ Barcode Emulation
are listed below:
Figure 1:
Added Value of using TMG3992
Benefits
Features
Single Device Integrated Optical Solution
Gesture Detection, Proximity, Color/ALS and IRBeam Support
Power Management Features
Ambient Light Sensing
UV and IR blocking filters
Programmable Gain & Integration Time
16.7M:1 Dynamic Range
Complex Gesture Sensing
Four separate diodes sensitive to different directions
Ambient Light Rejection
Offset Compensation
Programmable Driver for IR LED current
32 Dataset storage FIFO
Interrupt Driven I²C Communication
Ideal for Operation Behind Dark Glass
Very High Sensitivity
Proximity Detection
Trimmed to provide consistent reading
Ambient Light Rejection
Proximity Offset Compensation
Saturation Indicator bit
Programmable Driver for IR LED current
98,000:1 Dynamic Range
Barcode Pattern Generation and
Transmission
IRBeam Hardware Support
Pattern Storage in Internal RAM
Dual Use of a Single Internal LED
Integrated LED driver with current control for both Proximity
and IRBeam



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95