전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53313 데이터시트(PDF) 21 Page - Silicon Laboratories

부품명 SI53313
상세설명  DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53313 데이터시트(HTML) 21 Page - Silicon Laboratories

Back Button SI53313 Datasheet HTML 17Page - Silicon Laboratories SI53313 Datasheet HTML 18Page - Silicon Laboratories SI53313 Datasheet HTML 19Page - Silicon Laboratories SI53313 Datasheet HTML 20Page - Silicon Laboratories SI53313 Datasheet HTML 21Page - Silicon Laboratories SI53313 Datasheet HTML 22Page - Silicon Laboratories SI53313 Datasheet HTML 23Page - Silicon Laboratories SI53313 Datasheet HTML 24Page - Silicon Laboratories SI53313 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Si53313
Rev. 1.0
21
Figure 14. Single-ended Total Jitter (312.5 MHz)
Table 22. Single-ended Total Jitter (312.5 MHz)
Frequency
(MHz)
Diff’l Input
Slew Rate
(V/ns)
Source
Jitter
(fs)
Total Jitter
(SE)
(fs)
Additive Jitter
(SE)
(fs)
Total Jitter
(Diff’l)
(fs)
Additive Jitter
(Diff’l)
(fs)
312.5
1.0
33.10
94.39
88.39
83.80
76.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com