전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI53313 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI53313
상세설명  DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/LEVEL TRANSLATOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI53313 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI53313 Datasheet HTML 1Page - Silicon Laboratories SI53313 Datasheet HTML 2Page - Silicon Laboratories SI53313 Datasheet HTML 3Page - Silicon Laboratories SI53313 Datasheet HTML 4Page - Silicon Laboratories SI53313 Datasheet HTML 5Page - Silicon Laboratories SI53313 Datasheet HTML 6Page - Silicon Laboratories SI53313 Datasheet HTML 7Page - Silicon Laboratories SI53313 Datasheet HTML 8Page - Silicon Laboratories SI53313 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Si53313
4
Rev. 1.0
Table 3. DC Common Characteristics
(VDD =1.8 V 5%, 2.5 V  5%, or 3.3 V 10%,TA =–40 to 85 C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current
IDD
65
100
mA
Output Buffer
Supply Current
(Per Clock Output)
@100 MHz
IDDOX
LVPECL (3.3 V)
35
mA
Low Power LVPECL (3.3 V)
35
mA
LVDS (3.3 V)
20
mA
CML (3.3 V)
30
mA
HCSL, 100 MHz, 2 pF load (3.3 V)
35
mA
CMOS (1.8 V, SFOUT = Open/0),
per output, CL =5pF, 200MHz
—5
mA
CMOS (2.5 V, SFOUT = Open/0),
per output, CL =5pF, 200MHz
—8
mA
CMOS (3.3 V, SFOUT = 0/1),
per output, CL =5pF, 200MHz
—15
mA
Voltage Reference
VREF
VREF pin (–500 µA < IREF < 500 µA)
VDD/2
V
Input High Voltage
VIH
SFOUTx, DIVx, CLK_SEL, OEx
0.8 x VDD
V
Input Mid Voltage
VIM
SFOUTx, DIVx
3-level input pins
0.45 x VDD 0.5 x VDD 0.55 x VDD
V
Input Low Voltage
VIL
SFOUTx, DIVx, CLK_SEL, OEx
0.2 x VDD
V
Internal Pull-down
Resistor
RDOWN
CLK_SEL, DIVx, SFOUTx,
25
kΩ
Internal Pull-up
Resistor
RUP
OEx, DIVx, SFOUTx
25
kΩ
Table 4. Output Characteristics (LVPECL)
(VDDOX = 2.5 V ± 5%, or 3.3 V ± 10%,TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output DC Common Mode
Voltage
VCOM
VDDOX –1.595
VDDOX –1.245
V
Single-Ended
Output Swing
VSE
0.40
0.80
1.050
V
*Note:
Unused outputs can be left floating. Do not short unused outputs to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com