| 전자부품 데이터시트 검색엔진 |
|
USB2250I 데이터시트(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2250I 데이터시트(HTML) 40 Page - Microchip Technology |
|
40 / 43 page ![]() 2009 - 2015 Microchip Technology Inc. DS00002005A-page 40 USB2250/50i/51/51i PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB2250, USB2250i, USB2251, USB2251i Temperature Range: Blank = 0 C to +70C (Commercial) i= -40 C to+85C (Industrial) Package: NU = 128-pin VTQFN PART NO. [X] XXX Package Temperature Range Device [X] Internal Microchip Code - - Examples: 1. USB2250-NU-06 128-pin VTQFN RoHS Compliant pack- age, Commercial Temp, Tray 2. USB2250-NU-05 128-pin VTQFN RoHS Compliant pack- age, Commercial Temp, Tray 3. USB2251-NU-06 128-pin VTQFN RoHS Compliant pack- age, Commercial Temp, Tray 4. USB2251-NU-05 128-pin VTQFN RoHS Compliant pack- age, Commercial Temp, Tray 5. USB2250i-NU-06 128-pin VTQFN RoHS Compliant pack- age, Industrial Temp, Tray |