전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2250I 데이터시트(PDF) 6 Page - Microchip Technology

부품명 USB2250I
상세설명  Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2250I 데이터시트(HTML) 6 Page - Microchip Technology

Back Button USB2250I Datasheet HTML 2Page - Microchip Technology USB2250I Datasheet HTML 3Page - Microchip Technology USB2250I Datasheet HTML 4Page - Microchip Technology USB2250I Datasheet HTML 5Page - Microchip Technology USB2250I Datasheet HTML 6Page - Microchip Technology USB2250I Datasheet HTML 7Page - Microchip Technology USB2250I Datasheet HTML 8Page - Microchip Technology USB2250I Datasheet HTML 9Page - Microchip Technology USB2250I Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
 2009 - 2015 Microchip Technology Inc.
DS00002005A-page 6
USB2250/50i/51/51i
2.0
PIN CONFIGURATION
FIGURE 2-1:
128-PIN VTQFP DIAGRAM
97
MS_D6
99
MS_D3
100
MS_D7
101
MS_SCLK
102
VSS
103
TEST
104
VDD33
106
MA7
107
MA13
108
MA6
109
MA8
110
MA5
111
MA9
112
MA4
113
MA11
114
MA3
115
nMRD
116
MA2
117
CF_DMARQ / RXD
SCL / xD_ID
CF_DMACK
120
LED
121
VBUS_DET
122
VSS
123
XTAL2
124
XTAL1 (CLKIN)
125
VDD18PLL
126
VSS
127
RBIAS
128
VDD33
64
nRESET
63
CF_D5
62
CF_D12
61
CF_D4
60
CF_D11
59
CF_D3
58
CF_nCD
57
SM_nCD
56
SM_nB/R
55
SM_nRE
54
SM_nCE
53
SM_CLE
52
SM_ALE
51
VSS
50
VDD33
49
VDD18
48
SM_nWE
47
SM_nWP
46
SM_D0
45
SM_D1
44
SM_D2
43
SM_D3
42
SM_D4
41
SM_D5
40
SM_D6
39
SM_D7
38
SM_nWPS
37
MD0
36
MD1
35
MD2
34
MD3
33
MD7
USB225X
128 VTQFP
(Top View)
118
119
98
MS_INS
105
SD_WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43