전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3300 데이터시트(PDF) 5 Page - Microchip Technology

부품명 USB3300
상세설명  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 데이터시트(HTML) 5 Page - Microchip Technology

  USB3300 Datasheet HTML 1Page - Microchip Technology USB3300 Datasheet HTML 2Page - Microchip Technology USB3300 Datasheet HTML 3Page - Microchip Technology USB3300 Datasheet HTML 4Page - Microchip Technology USB3300 Datasheet HTML 5Page - Microchip Technology USB3300 Datasheet HTML 6Page - Microchip Technology USB3300 Datasheet HTML 7Page - Microchip Technology USB3300 Datasheet HTML 8Page - Microchip Technology USB3300 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 5
USB3300
1.2
Reference Documents
• Universal Serial Bus Specification, Revision 2.0, April 27, 2000
• On-The-Go Supplement to the USB 2.0 Specification, Revision 1.0a, June 24, 2003
• USB 2.0 Transceiver Macrocell Interface (UTMI) Specification, Version 1.02, May 27, 2000
• UTMI+ Specification, Revision 1.0, February 2, 2004
• UTMI+ Low Pin Interface (ULPI) Specification, Revision 1.1
FIGURE 1-2:
ULPI INTERFACE FEATURES AS RELATED TO UTMI+
UTMI+ Level 0
Hi-Speed Peripherals Only
USB3300
ULPI
Hi-Speed Peripheral, host controllers, On-the-
Go devices with 12 pin interface
(HS, FS, LS, preamble packet)
UTMI+ Level 3
Hi-Speed Peripheral, host controllers, On-
the-Go devices
(HS, FS, LS, preamble packet)
UTMI+ Level 2
Hi-Speed Peripheral, host controllers, On-
the-Go devices
(HS, FS, and LS but no preamble packet)
UTMI+ Level 1
Hi-Speed Peripheral, host controllers,
and On-the-Go devices
(HS and FS Only)
USB3500
USB3450
USB3280
USB3250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53