전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5973D 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 R5973D
상세설명  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 7Page - STMicroelectronics R5973D Datasheet HTML 8Page - STMicroelectronics R5973D Datasheet HTML 9Page - STMicroelectronics R5973D Datasheet HTML 10Page - STMicroelectronics R5973D Datasheet HTML 11Page - STMicroelectronics R5973D Datasheet HTML 12Page - STMicroelectronics R5973D Datasheet HTML 13Page - STMicroelectronics R5973D Datasheet HTML 14Page - STMicroelectronics R5973D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID026876 Rev 1
11/39
R5973D
Functional description
39
Figure 4. Oscillator circuit block diagram
Figure 5. Synchronization example
5.4
Current protection
The R5973D device features two types of current limit protection: pulse-by-pulse and
frequency foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 6. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39