전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5973D 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 R5973D
상세설명  Up to 2 A step-down switching regulator for aerospace applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973D 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button R5973D Datasheet HTML 29Page - STMicroelectronics R5973D Datasheet HTML 30Page - STMicroelectronics R5973D Datasheet HTML 31Page - STMicroelectronics R5973D Datasheet HTML 32Page - STMicroelectronics R5973D Datasheet HTML 33Page - STMicroelectronics R5973D Datasheet HTML 34Page - STMicroelectronics R5973D Datasheet HTML 35Page - STMicroelectronics R5973D Datasheet HTML 36Page - STMicroelectronics R5973D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DocID026876 Rev 1
33/39
R5973D
Application information
39
8.9
External SOFT_START network
At start-up the device can quickly increase the current up to the current limit in order to
charge the output capacitor. If soft ramp-up of the output voltage is required, an external
soft-start network can be implemented as shown in Figure 22. The capacitor C is charged
up to an external reference through R and the BJT clamps the COMP pin.
This clamps the duty cycle, limiting the slew rate of the output voltage.
Figure 22. Soft-start network example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39