전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RPC56EL60L5 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 RPC56EL60L5
상세설명  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button RPC56EL60L5 Datasheet HTML 37Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 38Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 39Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 40Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 41Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 42Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 43Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 44Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 137 page
background image
DocID026934 Rev 1
41/137
RPC56EL60L5
Package pinouts and signal descriptions
136
89
B[4]
SIUL
GPIO[20]
GPIO[20]
JTAGC
TDO
90
VSS_HV_IO
91
VDD_HV_IO
92
A[3]
SIUL
GPIO[3]
GPIO[3]
eTimer_0
ETC[3]
ETC[3]
DSPI_2
CS0
CS0
FlexPWM_0
B[3]
B[3]
MC_RGM
ABS[2]
SIUL
EIRQ[3]
93
VDD_LV_COR
94
VSS_LV_COR
95
VDD_HV_REG_1
96
VSS_HV_FLA
97
VDD_HV_FLA
98
G[6]
SIUL
GPIO[102]
GPIO[102]
FlexPWM_0
A[3]
A[3]
99
D[12]
SIUL
GPIO[60]
GPIO[60]
FlexPWM_0
X[1]
X[1]
LINFlexD_1
RXD
100
G[4]
SIUL
GPIO[100]
GPIO[100]
FlexPWM_0
B[2]
B[2]
eTimer_0
ETC[5]
101
C[13]
SIUL
GPIO[45]
GPIO[45]
eTimer_1
ETC[1]
ETC[1]
CTU_0
EXT_IN
FlexPWM_0
EXT_SYNC
102
G[2]
SIUL
GPIO[98]
GPIO[98]
FlexPWM_0
X[2]
X[2]
DSPI_1
CS1
103
C[14]
SIUL
GPIO[46]
GPIO[46]
eTimer_1
ETC[2]
ETC[2]
CTU_0
EXT_TGR
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More