| 전자부품 데이터시트 검색엔진 |
|
RPC56EL60L5 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 137 page ![]() DocID026934 Rev 1 51/137 RPC56EL60L5 Package pinouts and signal descriptions 136 D11 A[11] SIUL GPIO[11] GPIO[11] DSPI_2 SCK SCK FlexPWM_0 A[0] A[0] FlexPWM_0 A[2] A[2] SIUL — EIRQ[10] D12 E[13] SIUL GPIO[77] GPIO[77] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — SIUL — EIRQ[25] D13 F[15] SIUL GPIO[95] GPIO[95] LINFlexD_1 — RXD D14 VDD_HV_IO_RING — D15 VPP_TEST (1) — D16 D[14] SIUL GPIO[62] GPIO[62] FlexPWM_0 B[1] B[1] eTimer_0 — ETC[3] D17 G[3] SIUL GPIO[99] GPIO[99] FlexPWM_0 A[2] A[2] eTimer_0 — ETC[4] E1 MDO0 — E2 F[6] SIUL GPIO[86] GPIO[86] NPC MDO[1] — E3 D[1] SIUL GPIO[49] GPIO[49] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — FlexRay — CA_RX E4 NMI — E14 Not connected — E15 C[14] SIUL GPIO[46] GPIO[46] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — E16 G[2] SIUL GPIO[98] GPIO[98] FlexPWM_0 X[2] X[2] DSPI_1 CS1 — Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |