| 전자부품 데이터시트 검색엔진 |
|
RPC564L60L5CFQY 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFQY 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 52/137 DocID026934 Rev 1 E17 I[3] SIUL GPIO[131] GPIO[131] eTimer_2 ETC[3] ETC[3] DSPI_0 CS7 — CTU_0 EXT_TGR — FlexPWM_1 — FAULT[3] F1 H[1] SIUL GPIO[113] GPIO[113] NPC MDO[6] — F2 G[12] SIUL GPIO[108] GPIO[108] NPC MDO[11] — F3 A[7] SIUL GPIO[7] GPIO[7] DSPI_1 SOUT — SIUL — EIRQ[7] F4 A[8] SIUL GPIO[8] GPIO[8] DSPI_1 — SIN SIUL — EIRQ[8] F6 VDD_LV_CORE_RING — F7 VDD_LV_CORE_RING — F8 VDD_LV_CORE_RING — F9 VDD_LV_CORE_RING — F10 VDD_LV_CORE_RING — F11 VDD_LV_CORE_RING — F12 VDD_LV_CORE_RING — F14 Not connected — F15 C[13] SIUL GPIO[45] GPIO[45] eTimer_1 ETC[1] ETC[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC F16 I[2] SIUL GPIO[130] GPIO[130] eTimer_2 ETC[2] ETC[2] DSPI_0 CS6 — FlexPWM_1 — FAULT[2] F17 G[4] SIUL GPIO[100] GPIO[100] FlexPWM_0 B[2] B[2] eTimer_0 — ETC[5] Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |