| 전자부품 데이터시트 검색엔진 |
|
RPC564L60L5CFQY 데이터시트(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFQY 데이터시트(HTML) 76 Page - STMicroelectronics |
|
76 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 76/137 DocID026934 Rev 1 D[11] PCR[59 ] SIUL GPIO[59] ALT0 GPIO[59] — —M S 78 R1 6 FlexPWM_0 B[0] ALT1 B[0] PSMI[24]; PADSEL= 1 eTimer_0 — — ETC[1] PSMI[36]; PADSEL= 1 D[12] PCR[60 ] SIUL GPIO[60] ALT0 GPIO[60] —M S 99 G1 4 FlexPWM_0 X[1] ALT1 X[1] PSMI[28]; PADSEL= 1 LINFlexD_1 — — RXD PSMI[32]; PADSEL= 1 D[14] PCR[62 ] SIUL GPIO[62] ALT0 GPIO[62] — —M S 105 D1 6 FlexPWM_0 B[1] ALT1 B[1] PSMI[25]; PADSEL= 2 eTimer_0 — — ETC[3] PSMI[38]; PADSEL= 1 Port E E[0] PCR[64 ] SIUL — ALT0 GPI[64] — —— — 68 T13 ADC_1 — — AN[5](3) — E[2] PCR[66 ] SIUL — ALT0 GPI[66] — —— — 49 U6 ADC_0 — — AN[5](3) — E[4] PCR[68 ] SIUL — ALT0 GPI[68] — —— — 42 U4 ADC_0 — — AN[7](3) — E[5] PCR[69 ] SIUL — ALT0 GPI[69] — —— — 44 T5 ADC_0 — — AN[8](3) — E[6] PCR[70 ] SIUL — ALT0 GPI[70] — —— — 46 R6 ADC_0 — — AN[4](3) — E[7] PCR[71 ] SIUL — ALT0 GPI[71] — —— — 48 T6 ADC_0 — — AN[6](3) — E[9] PCR[73 ] SIUL — ALT0 GPI[73] — —— — 61 T10 ADC_1 — — AN[7](3) — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |