전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF40106M013TR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 HCF40106M013TR
상세설명  Hex Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40106M013TR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button HCF40106M013TR Datasheet HTML 3Page - STMicroelectronics HCF40106M013TR Datasheet HTML 4Page - STMicroelectronics HCF40106M013TR Datasheet HTML 5Page - STMicroelectronics HCF40106M013TR Datasheet HTML 6Page - STMicroelectronics HCF40106M013TR Datasheet HTML 7Page - STMicroelectronics HCF40106M013TR Datasheet HTML 8Page - STMicroelectronics HCF40106M013TR Datasheet HTML 9Page - STMicroelectronics HCF40106M013TR Datasheet HTML 10Page - STMicroelectronics HCF40106M013TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID002017 Rev 4
7/16
HCF40106
Electrical characteristics
16
Table 6. DC specifications(1)
Sym. Parameter
Test condition
Value
Unit
VI (V) VO (V) |IO| (A) VDD(V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min.
Max.
Min.
Max.
IL
Quiescent
current
0/5
5
0.02
130
30
A
0/10
10
2
60
60
0/15
15
4
120
120
0/20
20
0.04
20
600
600
VOH
High level
output
voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
10
9.95
9.95
9.95
0/15
15
14.95
14.95
14.95
VOL
Low level
output
voltage
5/0
<1
5
0.05
0.05
0.05
10/0
10
15/0
15
VP
Positive
trigger
threshold
voltage
5
2.2
2.9
3.6
2.2
3.6
2.2
3.6
10
4.6
5.9
7.1
4.6
7.1
4.6
7.1
15
6.8
8.8
10.8
6.8
10.8
6.8
10.8
VN
Negative
trigger
threshold
voltage
5
0.9
1.9
2.8
0.9
2.8
0.9
2.8
10
2.5
3.9
5.2
2.5
5.2
2.5
5.2
15
4
5.8
7.4
4
7.4
4
7.4
VH
Hysteresis
voltage
5
0.3
0.9
1.6
0.3
1.6
0.3
1.6
10
1.2
2.3
3.4
1.2
3.4
1.2
3.4
15
1.6
3.5
5
1.6
5
1.6
5
IOH
Output
drive
current
0/5
2.5
5
-1.36
-3.2
-1.15
-1.1
mA
4.6
-0.44
-1
-0.36
-0.36
0/10
9.5
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
15
-3.0
-6.8
-2.4
-2.4
IOL
Output sink
current
0/5
0.4
5
0.44
1
0.36
0.36
mA
0/10
0.5
10
1.1
2.6
0.9
0.9
0/15
1.5
15
3.0
6.8
2.4
2.4
II
Input
leakage
current
0/18
Any input
18
10-5 0.1
1
1
A
CI
Input
capacitance
Any input
5
7.5
pF
1. The noise margin for both level "1" and "0" is: 1 V min. with VDD = 5 V, 2 V min. with VDD = 10 V, and 2.5 V min. with
VDD = 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com