전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF40106M013TR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 HCF40106M013TR
상세설명  Hex Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40106M013TR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button HCF40106M013TR Datasheet HTML 6Page - STMicroelectronics HCF40106M013TR Datasheet HTML 7Page - STMicroelectronics HCF40106M013TR Datasheet HTML 8Page - STMicroelectronics HCF40106M013TR Datasheet HTML 9Page - STMicroelectronics HCF40106M013TR Datasheet HTML 10Page - STMicroelectronics HCF40106M013TR Datasheet HTML 11Page - STMicroelectronics HCF40106M013TR Datasheet HTML 12Page - STMicroelectronics HCF40106M013TR Datasheet HTML 13Page - STMicroelectronics HCF40106M013TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Typical applications
HCF40106
10/16
DocID002017 Rev 4
4
Typical applications
Figure 7. Astable multivibrator
50 k
  R  1 m
100 pF
 C  1 F
For the range of R and C given 2
s < tA < 0.4 s
Figure 8. Monostable multivibrator
50 k
  R  1 m
100 pF
 C  1 F
For the range of R and C given 5
s < tM < 1s
tA
RC
VP
VN
-------

 VDD VN
–
VDD VP
–
------------------------


ln
=
tM
RC
VDD
VDD VP
–
------------------------


ln
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com