전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C02-DRMN3TP 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M24C02-DRMN3TP
상세설명  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMN3TP 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M24C02-DRMN3TP Datasheet HTML 2Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 3Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 4Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 5Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 6Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 7Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 8Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 9Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Description
M24C02-A125
6/39
DocID025755 Rev 4
1
Description
The M24C02-A125 is a 2-Kbit serial EEPROM Automotive grade device operating up to
125 °C. The M24C02-A125 is compliant with the very high level of reliability defined by the
Automotive standard AEC-Q100 grade 1.
The device is accessed by a simple serial I2C compatible interface running up to 1 MHz.
The memory array is based on advanced true EEPROM technology (electrically erasable
programmable memory). The M24C02-A125 is a byte-alterable memory (256 × 8 bits)
organized as 16 pages of 16 bytes in which the data integrity is significantly improved with
an embedded Error Correction Code logic.
The M24C02-A125 offers an additional Identification Page (16 bytes) in which the ST device
identification can be read. This page can also be used to store sensitive application
parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com