전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C02-DRMN3TP 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M24C02-DRMN3TP
상세설명  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMN3TP 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M24C02-DRMN3TP Datasheet HTML 18Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 19Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 20Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 21Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 22Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 23Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 24Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 25Page - STMicroelectronics M24C02-DRMN3TP Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Instructions
M24C02-A125
22/39
DocID025755 Rev 4
4.2.6
Acknowledge in Read mode
For all Read instructions, the device waits, after each byte sent out, for an acknowledgment
from the bus master during the “9th bit” time slot. If the bus master does not send the
Acknowledge (the master drives SDA high during the 9th bit time), the device terminates the
data transfer and enters its Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39