전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C64-DRMF8TP 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 M24C64-DRMF8TP
상세설명  64-Kbit serial IC bus EEPROM - 105C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF8TP 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button M24C64-DRMF8TP Datasheet HTML 21Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 22Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 23Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 24Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 25Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 26Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 27Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 28Page - STMicroelectronics M24C64-DRMF8TP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID027358 Rev 1
25/41
M24C64-DRE
Delivery state
6
Delivery state
The device is delivered as follows:
The memory array is set to all 1s (each byte = FFh).
Identification page: the first three bytes define the Device identification code (value
defined in Table 4). The content of the following bytes is Don’t Care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com